PART |
Description |
Maker |
D2SW-P01B D2SW-P01D D2SW-P01H D2SW-P01L1B D2SW-P01 |
Sealed Subminiature Basic Switch
|
Omron Electronics LLC
|
D2FD-01L30-1H D2FD-01L30-1T D2FD-2L0-1H D2FD-2L0-1 |
Dust Proof Ultra Subminiature Basic Switch
|
Omron Electronics LLC
|
SS-5-F SS-5-2 SS-01-F-2D SS-01-E-2T SS-01-3T SS-01 |
Subminiature Basic Switch Subminiature Basic Switch
|
Omron Electronics LLC
|
23SX39-T2 |
SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination, Military Part Number MS24547-5
|
Honeywell
|
M87C257 M87C257-10 M87C257-10C1TR M87C257-10C1X M8 |
ADDRESS LATCHED 256K (32K x 8) UV EPROM and OTP EPROM From old datasheet system SWITCH LEVER SPDT 1A SOLDER TERM Aluminum Electrolytic Capacitor; Capacitor Type:High Voltage; Voltage Rating:400VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-20 C to 105 C; Capacitance:33uF; Capacitance Tolerance: /- 20% RoHS Compliant: Yes TW Series Toggle Switch, 2 pole, 3 position, H58 terminal, Locking Lever ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM 地址锁存256K 32K的8紫外线EPROM和检察官办公室存储器 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Straight Lever Actuator, Solder Termination 地址锁存256K 32K的8紫外线EPROM和检察官办公室存储器 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Straight Lever Actuator, Quick Connect Termination 地址锁存256K 32K的8紫外线EPROM和检察官办公室存储器 ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
11SM3-T 311SM3-T 11SM1077-T 11SM23-T 11SM1-T 11SM2 |
Basic Switches Subminiature
|
Honeywell Accelerometers Honeywell Accelerometer...
|
11SM3-T |
SWITCH BASIC
|
List of Unclassifed Manufacturers
|
11SM3-T |
SWITCH-BASIC
|
Honeywell Solid State Electronics Center
|
V3-115 |
SWITCH-BASIC
|
List of Unclassifed Man...
|
BZ-RW84-A2 |
SWITCH - BASIC
|
Honeywell Accelerometers
|
BZ-2RQ1-A2 |
switch-basic
|
List of Unclassifed Man...
|